PART |
Description |
Maker |
FDS887607 FDS8876 |
N-Channel PowerTrench? MOSFET 30V, 12.5A, 8.2mΩ N-Channel PowerTrench庐 MOSFET 30V, 12.5A, 8.2m惟 N-Channel PowerTrench㈢ MOSFET 30V, 12.5A, 8.2mヘ
|
Fairchild Semiconductor
|
FDD044AN03 FDD044AN03L FDU044AN03L |
VARISTOR STD 250VRMS 3225 SMD 35 A, 30 V, 0.0044 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30V N-Channel PowerTrench? MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDB6670S FDP6670S FDB6670SNL |
30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ From old datasheet system 30V N-Channel PowerTrench SyncFET 62 A, 30 V, 0.0085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FDD6030L_03 FDD6030L FDD6030L03 FDD6030LNL |
30V N-Channel Logic PowerTrench MOSFET 50 A, 30 V, 0.0145 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
S12NF30L STS12NF30L STS12NF30L_07 STS12NF30L07 -S1 |
30V N-Channel PowerTrench MOSFET N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STS5DNE30L 6147 |
N - CHANNEL 30V - 0.039 Ohm - 5A SO-8 STripFET POWER MOSFET N - CHANNEL 30V - 0.039ohm - 5A SO-8 STripFETO POWER MOSFET From old datasheet system N - CHANNEL 30V - 0.039 - 5A SO-8 STripFET TM POWER MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
FDS4435BZ07 FDS4435BZ |
P-Channel PowerTrench? MOSFET -30V, -8.8A, 20mΩ P-Channel PowerTrench㈢ MOSFET -30V, -8.8A, 20mヘ
|
Fairchild Semiconductor
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
STS17NF3LL 8678 |
N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFETII MOSFET FOR DC-DC CONVERSION N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFET⑩ II MOSFET FOR DC-DC CONVERSION From old datasheet system N-CHANNEL PowerMESH MOSFET N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFET II MOSFET FOR DC-DC CONVERSION
|
意法半导 STMicroelectronics ST Microelectronics
|
STP100NF03L-03 STB100NF03L-03 STB100NF03L-03-01 ST |
N-CHANNEL 30V - 0.0026 W -100A D??AK/I??AK/TO-220 STripFET??II POWER MOSFET N-CHANNEL 30V - 0.0026 OHM -100A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.0026 OHM -100A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D?PAK/I?PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A DPAK/IPAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D?PAK/I?PAK/TO-220 STripFETII POWER MOSFET N沟道30V 0.0026欧姆- 100号A D2PAK/I2PAK/TO-220 STRIPFET二功率MOSFET N沟道30V 0.0026的W - 100号A?巴基斯我?PAK/TO-220 STripFET⑩二功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
IRL3103L IRL3103S IRL3103STRR IRL3103STRL |
30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
|
IRF[International Rectifier]
|
FDU8874 FDD8874 |
N-Channel PowerTrench MOSFET 30V/ 116A N-Channel PowerTrench MOSFET 30V, 116A 35 A, 30 V, 0.0064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|